Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 19Page - Cirrus Logic CS4330 Datasheet HTML 20Page - Cirrus Logic CS4330 Datasheet HTML 21Page - Cirrus Logic CS4330 Datasheet HTML 22Page - Cirrus Logic CS4330 Datasheet HTML 23Page - Cirrus Logic CS4330 Datasheet HTML 24Page - Cirrus Logic CS4330 Datasheet HTML 25Page - Cirrus Logic CS4330 Datasheet HTML 26Page - Cirrus Logic CS4330 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Features
• Demonstrates recommended layout
and grounding arrangements
• CS8412 Receives AES/EBU, S/PDIF,
& EIAJ-340 Compatible Digital Audio
• Digital and Analog Patch Areas
• Requires only a digital signal source
and power supplies for a complete
Digital-to-Analog-Converter system
General Description
The CDB4330/31/33 evaluation board is an excellent
means for quickly evaluating the CS4330/31/33 18-bit,
stereo D/A converter. Evaluation requires an analog
signal analyzer, a digital signal source and a power
supply. Analog outputs are provided via RCA connec-
tors for both channels.
The CS8412 digital audio receiver I.C. provides the
system timing necessary to operate the CS4330/31/33
and will accept
AES/EBU,
S/PDIF, and EIAJ-340
compatible audio data. The evaluation board may also
be configured to accept external timing signals for op-
eration
in
a
user
application
during
system
development.
ORDERING INFORMATION:
CDB4330, CDB4331,
CDB4333
Evaluation Board for CS4330 / CS4331 / CS4333
CDB4330
CDB4331 CDB4333
Digital
Audio
Input
I/O for
Clocks
and Data
CS8412
Digital
Audio
Interface
CS4330/31/33
Analog
Filter
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 Fax: (512) 445 7581
MAR ’96
DS136DB2
23
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com