Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 5 Page - Cirrus Logic

  CS4330 Datasheet HTML 1Page - Cirrus Logic CS4330 Datasheet HTML 2Page - Cirrus Logic CS4330 Datasheet HTML 3Page - Cirrus Logic CS4330 Datasheet HTML 4Page - Cirrus Logic CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
RECOMMENDED OPERATING CONDITIONS (AGND = 0V; all voltages with respect to
ground)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supply:
(3V mode)
VA+
2.7
3.0
4.0
V
(5V mode)
VA+
4.75
5.0
5.5
V
DIGITAL CHARACTERISTICS (TA = 25
°C; VA+ = 2.7V - 5.5V)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
(VA+ = 5.5V)
VIH
2.4
-
-
V
(VA+ = 5.0V)
VIH
2.0
-
-
V
Low-Level Input Voltage
VIL
--
0.8
V
Input Leakage Current
(Note 7)
Iin
--
±10
µA
Notes: 7.
Iin for CS4331 LRCK is
± 20 µA max.
ABSOLUTE MAXIMUM RATINGS (AGND = 0V; all voltages with respect to ground.)
Parameter
Symbol
Min
Max
Units
DC Power Supply:
VA+
-0.3
6.0
V
Input Current, Any Pin Except Supplies
Iin
-
±10
mA
Digital Input Voltage
VIND
-0.3
(VA+)+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS4330, CS4331, CS4333
DS136F1
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com