Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 9Page - Cirrus Logic CS4330 Datasheet HTML 10Page - Cirrus Logic CS4330 Datasheet HTML 11Page - Cirrus Logic CS4330 Datasheet HTML 12Page - Cirrus Logic CS4330 Datasheet HTML 13Page - Cirrus Logic CS4330 Datasheet HTML 14Page - Cirrus Logic CS4330 Datasheet HTML 15Page - Cirrus Logic CS4330 Datasheet HTML 16Page - Cirrus Logic CS4330 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
mended on the analog outputs. The required ca-
pacitor value is defined by:
C
=
1
(2π) (Fs) (2400 Ω) (2)
Example:
Fs = 48 kHz
C = 690 pF
A value of 680 pF may be used with only 1.45%
error which is negligible.
Combined Digital and Analog Filter Response
The frequency response of the combined analog
switched-capacitor filter, digital filter, and off-
chip single pole RC-filter at 2 Fs, is shown in
Figures 9, 10, 11, and 12. The overall response
is clock dependent and will scale with Fs. Note
that the response plots have been normalized to
Fs and can be de-normalized by multiplying the
X-axis scale by Fs.
Figure 9. CS4330/31/33 Combined Digital and Analog
Filter Stopband Rejection
Figure 10. CS4330/31/33 Combined Digital and Analog
Filter Transition Band
Figure 11. CS4330/31/33 Combined Digital and Analog
Filter Transition Band
Figure 12. CS4330/31/33 Combined Digital and Analog
Filter Passband Ripple
CS4330, CS4331, CS4333
DS136F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com