Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4330 Datasheet HTML 1Page - Cirrus Logic CS4330 Datasheet HTML 2Page - Cirrus Logic CS4330 Datasheet HTML 3Page - Cirrus Logic CS4330 Datasheet HTML 4Page - Cirrus Logic CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
SWITCHING CHARACTERISTICS (TA = 25 °C; VA+ = 2.7V - 5.5V; Inputs: Logic 0 = 0V, Logic
1 = VA+, CL = 20 pF) Switching characteristics are guaranteed by characterization.
Parameter
Symbol
Min
Typ
Max
Units
Input Sample Rate
Fs
2
-
50
kHz
LRCK Duty Cycle (External SCLK only)
(Note 5)
30
50
70
%
MCLK Pulse Width High
MCLK / LRCK = 512
10
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 512
15
-
1000
ns
MCLK Pulse Width High
MCLK / LRCK = 384
21
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 384
21
-
1000
ns
MCLK Pulse Width High
MCLK / LRCK = 256
35
-
1000
ns
MCLK Pulse Width Low
MCLK / LRCK = 256
39
-
1000
ns
External SCLK Mode
SCLK Pulse Width Low
tsclkl
20
-
-
ns
SCLK Pulse Width High
tsclkh
20
-
-
ns
SCLK Period
tsclkw
1
(128)Fs
--
ns
SCLK rising to LRCK edge delay
tslrd
20
-
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
-
ns
SDATA valid to SCLK rising setup time
tsdlrs
20
-
-
ns
SCLK rising to SDATA hold time
tsdh
20
-
-
ns
Internal SCLK Mode
SCLK Period
(Note 6)
tsclkw
1
SCLK
--
ns
SCLK rising to LRCK edge
tsclkr
-
tsclkw
2
-
µs
SDATA valid to SCLK rising setup time
tsdlrs
1
(512)Fs
+ 15
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 256 or 512
tsdh
1
(512)Fs
+15
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 384
tsdh
1
(384)Fs
+15
--
ns
Notes: 5.
In Internal SCLK Mode, the Duty Cycle must be 50%
±1/2 MCLK Period.
6.
The SCLK / LRCK ratio may be either 32, 48, or 64.
CS4330, CS4331, CS4333
DS136F1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com