Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 13Page - Cirrus Logic CS4330 Datasheet HTML 14Page - Cirrus Logic CS4330 Datasheet HTML 15Page - Cirrus Logic CS4330 Datasheet HTML 16Page - Cirrus Logic CS4330 Datasheet HTML 17Page - Cirrus Logic CS4330 Datasheet HTML 18Page - Cirrus Logic CS4330 Datasheet HTML 19Page - Cirrus Logic CS4330 Datasheet HTML 20Page - Cirrus Logic CS4330 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
Figure 22. Configuration Timing
Figure 21. Configuration Operation
Parameter
Symbol
Min
Typ
Max
Units
DEM/SCLK TIMING
DEM/SCLK valid to LRCK falling setup time
tclrs
20
-
-
ns
LRCK falling to DEM/SCLK hold time
tclrh
20
-
-
ns
SDATA setup time
tsetup
1-
-
us
SDATA hold time
thold
1-
-
us
Table 2. Configuration Timing Characteristics
CS4330, CS4331, CS4333
DS136F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com