Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4330 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4330
Description  8 Pin Stereo D/A Converter for Digital Audio
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4330 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4330 Datasheet HTML 3Page - Cirrus Logic CS4330 Datasheet HTML 4Page - Cirrus Logic CS4330 Datasheet HTML 5Page - Cirrus Logic CS4330 Datasheet HTML 6Page - Cirrus Logic CS4330 Datasheet HTML 7Page - Cirrus Logic CS4330 Datasheet HTML 8Page - Cirrus Logic CS4330 Datasheet HTML 9Page - Cirrus Logic CS4330 Datasheet HTML 10Page - Cirrus Logic CS4330 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
GENERAL DESCRIPTION
The CS4330, CS4331, and CS4333 are complete
stereo digital-to-analog systems including digital
interpolation, 128
× third-order delta-sigma digi-
tal-to-analog conversion, digital de-emphasis and
analog filtering, Figure 2. This architecture pro-
vides a high tolerance to clock jitter.
The primary purpose of using delta-sigma modu-
lation techniques is to avoid the limitations of
laser trimmed resistive digital-to-analog con-
verter architectures by using an inherently linear
1-bit digital-to-analog converter. The advantages
of a 1-bit digital-to-analog converter include:
ideal differential linearity, no distortion mecha-
nisms due to resistor matching errors and no
linearity drift over time and temperature due to
variations in resistor values.
Digital Interpolation Filter
The digital interpolation filter increases the sam-
ple rate by a factor of 32 and is followed by a 4
×
digital sample-and-hold to effectively achieve a
128
× interpolation filter. This filter eliminates
images of the baseband audio signal which exist
at multiples of the input sample rate, Fs. This
allows for the selection of a less complex analog
filter based on out-of-band noise attenuation re-
quirements rather than anti-image filtering.
Following the interpolation filter, the resulting
frequency spectrum has images of the input sig-
nal at multiples of 128
× the input sample rate.
These images are removed by the external ana-
log filter.
Delta-Sigma Modulator
The interpolation filter is followed by a third-
order delta-sigma modulator which converts the
22-bit interpolation filter output into 1-bit data at
128
× .
Switched-Capacitor Filter
The
delta-sigma modulator is followed by a
digital-to-analog converter which translates the
1-bit data into a series of charge packets. The
magnitude of the charge in each packet is deter-
mined by sampling of a voltage reference onto a
switched capacitor, where the polarity of each
packet is controlled by the 1-bit signal. This
technique greatly reduces the sensitivity to clock
jitter and is a major improvement over earlier
generations of 1-bit digital-to-analog converters.
Interpolator
Delta-Sigma
Modulator
DAC
Analog
Low-Pass
Filter
Analog
Output
Digital
Input
Figure 2. System Block Diagram
CS4330, CS4331, CS4333
DS136F1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com