Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 7Page - STMicroelectronics L6208PD Datasheet HTML 8Page - STMicroelectronics L6208PD Datasheet HTML 9Page - STMicroelectronics L6208PD Datasheet HTML 10Page - STMicroelectronics L6208PD Datasheet HTML 11Page - STMicroelectronics L6208PD Datasheet HTML 12Page - STMicroelectronics L6208PD Datasheet HTML 13Page - STMicroelectronics L6208PD Datasheet HTML 14Page - STMicroelectronics L6208PD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
DocID7514 Rev 2
11/35
L6208
Electrical characteristics
35
Figure 6. Minimum timing definition; logic inputs
Figure 7. Overcurrent detection timing definition
CLOCK
RESET
tS(MIN)
tH(MIN)
tR(MIN)
tRCLK(MIN)
LOGIC INPUTS
D01IN1319
Vth(OFF)
Vth(ON)
Vth(ON)
ISOVER
90%
10%
IOUT
VEN
tOCD(OFF)
tOCD(ON)
D02IN1399
ON
OFF
BRIDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com