Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 8Page - STMicroelectronics L6208PD Datasheet HTML 9Page - STMicroelectronics L6208PD Datasheet HTML 10Page - STMicroelectronics L6208PD Datasheet HTML 11Page - STMicroelectronics L6208PD Datasheet HTML 12Page - STMicroelectronics L6208PD Datasheet HTML 13Page - STMicroelectronics L6208PD Datasheet HTML 14Page - STMicroelectronics L6208PD Datasheet HTML 15Page - STMicroelectronics L6208PD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Circuit description
L6208
12/35
DocID7514 Rev 2
5
Circuit description
5.1
Power stages and charge pump
The L6208 integrates two independent power MOS full bridges. Each power MOS has an
R
DS(ON) = 0.3  (typical value at 25 °C), with intrinsic fast freewheeling diode. Switching
patterns are generated by the PWM current controller and the phase sequence generator
(see Section 6: PWM current control). Cross conduction protection is achieved using
a deadtime (t
DT = 1 s typical value) between the switch off and switch on of two Power
MOSFETs in one leg of a bridge.
Pins VSA and VSB MUST be connected together to the supply voltage VS. The device
operates with a supply voltage in the range from 8 V to 52 V. It has to be noticed that the
R
DS(ON) increases of some percents when the supply voltage is in the range from 8 V to 12 V
(see Figure 38: Typical low-side RDS(ON) vs. supply voltage on page 29 and Figure 35:
Typical high-side RDS(ON) vs. supply voltage on page 29).
Using N-channel power MOS for the upper transistors in the bridge requires a gate drive
voltage above the power supply voltage. The bootstrapped supply voltage V
BOOT is obtained
through an internal oscillator and few external components to realize a charge pump circuit
as shown in Figure 8. The oscillator output (VCP) is a square wave at 600 KHz (typical) with
10 V amplitude. Recommended values/part numbers for the charge pump circuit are shown
in Table 6.
Figure 8. Charge pump circuit
Table 6. Charge pump external components values
Component
Value
CBOOT
220 nF
CP
10 nF
RP
100
D1
1N4148
D2
1N4148
D2
CBOOT
D1
RP
CP
VS
VSA
VCP
VBOOT
VSB
D01IN1328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com