Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 20Page - STMicroelectronics L6208PD Datasheet HTML 21Page - STMicroelectronics L6208PD Datasheet HTML 22Page - STMicroelectronics L6208PD Datasheet HTML 23Page - STMicroelectronics L6208PD Datasheet HTML 24Page - STMicroelectronics L6208PD Datasheet HTML 25Page - STMicroelectronics L6208PD Datasheet HTML 26Page - STMicroelectronics L6208PD Datasheet HTML 27Page - STMicroelectronics L6208PD Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Application information
L6208
24/35
DocID7514 Rev 2
8
Application information
A typical bipolar stepper motor driver application using the L6208 device is shown in
Figure 25. Typical component values for the application are shown in Table 7. A high quality
ceramic capacitor in the range of 100 to 200 nF should be placed between the power pins
(VSA and VSB) and ground near the L6208 to improve the high frequency filtering on the
power supply and reduce high frequency transients generated by the switching. The
capacitor connected from the EN input to ground sets the shutdown time when an
overcurrent is detected (see Section 7.5: Non-dissipative overcurrent protection. The two
current sensing inputs (SENSEA and SENSEB) should be connected to the sensing
resistors with a trace length as short as possible in the layout. The sense resistors should be
non-inductive resistors to minimize the di/dt transients across the resistor. To increase noise
immunity, unused logic pins (except EN) are best connected to 5 V (high logic level) or GND
(low logic level) (see Table 4: Pin description on page 6). It is recommended to keep power
ground and signal ground separated on the PCB.
Table 7. Component values for typical application
Component
Value
Component
Value
C1
100 µF
D1
1N4148
C2
100 nF
D2
1N4148
CA
1 nF
RA
39 K
CB
1 nF
RB
39 K
CBOOT
220 nF
REN
100 K
CP
10 nF
RP
100
CEN
5.6 nF
RSENSEA
0.3
CREF
68 nF
RSENSEB
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com