Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 25Page - STMicroelectronics L6208PD Datasheet HTML 26Page - STMicroelectronics L6208PD Datasheet HTML 27Page - STMicroelectronics L6208PD Datasheet HTML 28Page - STMicroelectronics L6208PD Datasheet HTML 29Page - STMicroelectronics L6208PD Datasheet HTML 30Page - STMicroelectronics L6208PD Datasheet HTML 31Page - STMicroelectronics L6208PD Datasheet HTML 32Page - STMicroelectronics L6208PD Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
DocID7514 Rev 2
29/35
L6208
Application information
35
Figure 34. Typical quiescent current vs. supply
voltage
Figure 35. Typical high-side RDS(ON) vs. supply
voltage
4.6
4.8
5.0
5.2
5.4
5.6
0
102030
40
50
60
Iq [m A]
VS [V]
fsw = 1 kHz
Tj = 25 °C
Tj = 85 °C
Tj = 125 °C
0.336
0.340
0.344
0.348
0.352
0.356
0.360
0.364
0.368
0.372
0.376
0.380
0
5
10
15
20
25
30
RDS(ON) []
VS [V]
Tj = 25 °C
Figure 36. Normalized typical quiescent current
vs. switching frequency
Figure 37. Normalized RDS(ON) vs. junction
temperature (typical value)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
0
2040
6080
100
Iq / (Iq @ 1 kHz)
fSW [kHz]
0.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
RDS(ON)/ (RDS(ON) @ 25 °C)
Tj [°C]
Figure 38. Typical low-side RDS(ON) vs. supply
voltage
Figure 39. Typical drain-source diode forward
ON characteristic
0.276
0.280
0.284
0.288
0.292
0.296
0.300
0
5
10
15
20
25
30
RDS(ON) []
VS [V]
Tj = 25 °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
700
800
900
1000
1100
1200
1300
ISD [A]
VSD [mV]
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com