Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 34 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 27Page - STMicroelectronics L6208PD Datasheet HTML 28Page - STMicroelectronics L6208PD Datasheet HTML 29Page - STMicroelectronics L6208PD Datasheet HTML 30Page - STMicroelectronics L6208PD Datasheet HTML 31Page - STMicroelectronics L6208PD Datasheet HTML 32Page - STMicroelectronics L6208PD Datasheet HTML 33Page - STMicroelectronics L6208PD Datasheet HTML 34Page - STMicroelectronics L6208PD Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Revision history
L6208
34/35
DocID7514 Rev 2
10
Revision history
Table 11. Document revision history
Date
Revision
Changes
03-Sep-2003
1
Initial release.
20-Feb-2014
2
Updated Section : Description on page 1 (removed
“MultiPower-” from “MultiPower-BCD technology”).
Added Contents on page 2.
Updated Section 1: Block diagram (added section title,
numbered and moved Figure 1: Block diagram from
page 1 to page 3).
Added title to Section 2: Maximum ratings on page 4,
added numbers and titles from Table 1: Absolute
maximum ratings toTable 3: Thermal data.
Added title to Section 3: Pin connections on page 6,
added number and title to Figure 2: Pin connections (top
view), renumbered note 1 below Figure 2, added title to
Table 4: Pin description, renumbered note 1 below
Table 4.
Added title to Section 4: Electrical characteristics on
page 8, added title and number to Table 5, renumbered
notes 1 to 7 below Table 5. Renumbered Figure 3 to
Figure 7.
Added section numbers to Section 5: Circuit description
on page 12, Section 5.1 and Section 5.2. Removed “and
uC” from first sentence in Section 5.2. Renumbered
Table 6, added header to Table 6. Renumbered Figure 8
to Figure 11.
Added numbers to Section 6: PWM current control on
page 14. Renumbered Figure 12 to Figure 15. Added
titles to Equation 1: on page 15 till Equation 4: on
page 16.
Added section numbers to Section 7: Decay modes on
page 18 and Section 7.1 to Section 7.6 on page 23).
Renumbered Figure 16 to Figure 24.
Added section numbers to Section 8: Application
information on page 24, Section 8.1 and Section 8.2.
Renumbered Table 7, added header to Table 7.
Renumbered Figure 25 to Figure 39.
Updated Section 9: Package information on page 30
(added main title and ECOPACK text. Added titles from
Table 8: PowerSO36 package mechanical data to
Table 10: SO24 package mechanical data and from
Figure 40: PowerSO36 package outline to Figure 42:
SO24 package outline, reversed order of named tables
and figures. Removed 3D figures of packages, replaced
0.200 by 0.020 inch of max. B value in Table 10).
Added cross-references throughout document.
Added Section 10: Revision history and Table 11.
Minor modifications throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com