Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 25 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 21Page - STMicroelectronics L6208PD Datasheet HTML 22Page - STMicroelectronics L6208PD Datasheet HTML 23Page - STMicroelectronics L6208PD Datasheet HTML 24Page - STMicroelectronics L6208PD Datasheet HTML 25Page - STMicroelectronics L6208PD Datasheet HTML 26Page - STMicroelectronics L6208PD Datasheet HTML 27Page - STMicroelectronics L6208PD Datasheet HTML 28Page - STMicroelectronics L6208PD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
DocID7514 Rev 2
25/35
L6208
Application information
35
Figure 25. Typical application
8.1
Output current capability and IC power dissipation
In Figure 26, 27, 28 and 29 are shown the approximate relation between the output current
and the IC power dissipation using PWM current control driving a two phase stepper motor,
for different driving sequences:
HALF STEP mode (Figure 26) in which alternately one phase / two phases are
energized.
NORMAL DRIVE (FULL STEP TWO PHASE ON) mode (Figure 27) in which two
phases are energized during each step.
WAVE DRIVE (FULL STEP ONE PHASE ON) mode (Figure 28) in which only one
phase is energized at each step.
MICROSTEPPING mode (Figure 29), in which the current follows a sine wave profile,
provided through the Vref pins.
For a given output current and driving sequence the power dissipated by the IC can be
easily evaluated, in order to establish which package should be used and how large must be
the on-board copper dissipating area to guarantee a safe operating junction temperature
(125 °C maximum).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com