Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 17Page - STMicroelectronics L6208PD Datasheet HTML 18Page - STMicroelectronics L6208PD Datasheet HTML 19Page - STMicroelectronics L6208PD Datasheet HTML 20Page - STMicroelectronics L6208PD Datasheet HTML 21Page - STMicroelectronics L6208PD Datasheet HTML 22Page - STMicroelectronics L6208PD Datasheet HTML 23Page - STMicroelectronics L6208PD Datasheet HTML 24Page - STMicroelectronics L6208PD Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
DocID7514 Rev 2
21/35
L6208
Decay modes
35
7.5
Non-dissipative overcurrent protection
The L6208 device integrates an “Overcurrent Detection” circuit (OCD). This circuit provides
protection against a short-circuit to ground or between two phases of the bridge. With this
internal overcurrent detection, the external current sense resistor normally used and its
associated power dissipation are eliminated. Figure 21 shows a simplified schematic of the
overcurrent detection circuit.
To implement the overcurrent detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high-side power MOS. Since this
current is a small fraction of the output current there is very little additional power
dissipation. This current is compared with an internal reference current IREF. When the
output current reaches the detection threshold (typically 5.6 A), the OCD comparator signals
a fault condition. When a fault condition is detected, the EN pin is pulled below the turn off
threshold (1.3 V typical) by an internal open drain MOS with a pull down capability of 4 mA.
By using an external R-C on the EN pin, the off time before recovering normal operation can
be easily programmed by means of the accurate thresholds of the logic inputs.
Figure 21. Overcurrent protection simplified schematic
Figure 22 shows the overcurrent detection operation. The disable time tDISABLE before
recovering normal operation can be easily programmed by means of the accurate
thresholds of the logic inputs. It is affected whether by CEN and REN values and its
magnitude is reported in Figure 23. The delay time tDELAY before turning off the bridge when
an overcurrent has been detected depends only by CEN value. Its magnitude is reported in
Figure 24.
CEN is also used for providing immunity to the pin EN against fast transient noises.
Therefore the value of CEN should be chosen as big as possible according to the maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com