Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 19Page - STMicroelectronics L6208PD Datasheet HTML 20Page - STMicroelectronics L6208PD Datasheet HTML 21Page - STMicroelectronics L6208PD Datasheet HTML 22Page - STMicroelectronics L6208PD Datasheet HTML 23Page - STMicroelectronics L6208PD Datasheet HTML 24Page - STMicroelectronics L6208PD Datasheet HTML 25Page - STMicroelectronics L6208PD Datasheet HTML 26Page - STMicroelectronics L6208PD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID7514 Rev 2
23/35
L6208
Decay modes
35
Figure 23. tDISABLE versus CEN and REN (VDD = 5 V)
Figure 24. tDELAY versus CEN (VDD = 5 V)
7.6
Thermal protection
In addition to the overcurrent protection, the L6208 device integrates a thermal protection
for preventing the device destruction in case of junction overtemperature. It works sensing
the die temperature by means of a sensible element integrated in the die. The device
switches-off when the junction temperature reaches 165 °C (typ. value) with 15 °C
hysteresis (typ. value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com