Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6208PD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6208PD
Description  DMOS driver for bipolar stepper motor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208PD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6208PD Datasheet HTML 11Page - STMicroelectronics L6208PD Datasheet HTML 12Page - STMicroelectronics L6208PD Datasheet HTML 13Page - STMicroelectronics L6208PD Datasheet HTML 14Page - STMicroelectronics L6208PD Datasheet HTML 15Page - STMicroelectronics L6208PD Datasheet HTML 16Page - STMicroelectronics L6208PD Datasheet HTML 17Page - STMicroelectronics L6208PD Datasheet HTML 18Page - STMicroelectronics L6208PD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DocID7514 Rev 2
15/35
L6208
PWM current control
35
Figure 13. Output current regulation waveforms
Figure 14 shows the magnitude of the Off time tOFF versus COFF and ROFF values. It can be
approximately calculated from the equations:
Equation 1
tRCFALL = 0.6 · ROFF · COFF
tOFF = tRCFALL + tDT = 0.6 · ROFF · COFF + tDT
where ROFF and COFF are the external component values and tDT is the internally generated
deadtime with:
Equation 2
20 K
  ROFF  100 K
0.47 nF
 COFF  100 nF
tDT = 1 µs (typical value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com