Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 13
3
Application Circuit Design
3.1.
Applications
The ZLED7002 is designed for small battery-powered lighting life-time critical applications. Capable of operating efficiently with
DC voltage supplies ranging from 2.7V to 5.5V, it is ideal for small portable lighting applications. Typical applications include
helmet lighting, head / t ail lights for bicycles, miner lamps, pocket lights, and various other general purpose low-voltage
industrial and consumer LED applications.
Figure 3.1
Basic ZLED7002 Application Circuit
3.2.
Application Circuit Layout Requirements
The following guidelines are strongly recommended when laying out application circuits:
Use a 0.1µf capacitor connected between the UV pin and ground to minimize noise picked up on the UV pin. Place the
capacitor close to the UV pin.
If the application includes a switch as shown in Figure 3.1, locate it at the lowest voltage point to avoid sparks when
switching.
Use traces that are as short and wide as possible for any traces leading to actual ground that occur between the GND
pin and Iset pin. This improves accuracy for the MAIN LED current and the under-voltage threshold.
Also see Table 5.1 for connection requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com