Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 13
Figure 1.2
Main LED Current versus Power Supply (4V to 5.4V DC)
2
Circuit Description
2.1.
ZLED7002 Overview
The ZLED7002 is an LED driver for two channels designated as the MAIN channel and the SUB channel. Typically, only one
of the channels is on and the other is off. External resistors R1 and R2 connected to UV pin form a voltage divider across the
power supply. When the power supply voltage has risen high enough to create a voltage at the UV pin that is above a set
threshold, the MAIN LED channel is activated and the SUB channel is off. If the supply falls and the resulting voltage at the UV
pin is below the threshold, the SUB channel becomes active and the MAIN channel is turned off.
When the MAIN channel is active, the ZLED7002 provides a constant current source for driving the MAIN LED channel. Its
current level is set by an external resistor (R3) between the Iset and GND pins (see section 2.3). When the SUB LED channel
is active, its current is determined by external components (see section 2.4) and the ZLED7002 pulls the SUB pin to ground.
Refer to the application circuit in Figure 3.1 for the location of the components referred to in the following sections.
VDC (Volts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com