Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
5 of 13
1
IC Characteristics
1.1.
Absolute Maximum Ratings
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.1.1
Input voltage
VCC
-0.3
6.5
V
1.1.2
Iset pin voltage
VISET
-0.3
6.5
V
1.1.3
UV pin voltage
VUV-PIN
-0.3
6.5
V
1.1.4
MAIN pin voltage
VMAIN
-0.3
6.5
V
1.1.5
SUB pin voltage
VSUB
-0.3
6.5
V
1.1.6
MAIN pin current
IMAIN_ABS
500
mA
1.1.7
SUB pin current
ISUB_ABS
300
mA
1.1.8
ESD performance
Ptot
Human Body Model
±4
kV
1.1.9
Junction temperature
TJ
150
°C
1.1.10
Storage temperature
TS
-60
150
°C
1.2.
Operating Conditions
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.2.1
Operating temperature
Tamb
-25
+85
°C
1.2.2
Input voltage
VCC
2.7
5.5
V
1.3.
Electrical Parameters
Except as noted, conditions for the following specifications are Tamb = -25°C to +85°C (25°C typical); V CC = 2.7V to 5.5V.
Production testing of the chip is performed at 25°C; VCC=3.6V, unless otherwise stated. Functional operation of the chip and
specified parameters at other temperatures are guaranteed by design, characterization, and process control.
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.1
Quiescent current
ICC
2.7 ≤ VCC ≤ 5.5;
1.4 < VUV-PIN < 5.5; no load
250
320
uA
1.3.2
IMAIN to IISET ratio
--
VCC = 4.2V, R3 = 30K
8000
1.3.3
Iset pin voltage
VISET
1.2
V
1.3.4
Main LED current accuracy
--
VCC = 2.7V; VMAIN =0.5V
±5
%
1.3.5
Dropout voltage – MAIN
channel current source
VDP
Iout=204mA, Rset=47K
0.2
V
1.3.6
“ON” resistance – SUB
channel
RSUB
2.7V ≤ Vcc ≤ 5.5V
2.0
1.3.7
UV pin under-voltage
threshold
VUVTHRSH
Switches from MAIN LED
to SUB LED if VUV-PIN tran-
sitions from high to low
voltage and VUV-PIN is lower
than VUVTHRSH.
1.13
1.17
1.21
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com