Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZLED7002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
SOP8 Package Dimensions and Pin Assignments
Dimension (mm, except θ)
Symbol
Min
Max
A
1.350
1.750
A1
0.100
0.250
A2
1.450 Typical
b
0.350
0.490
c
0.178
0.250
D
4.800
5.000
E
3.800
4.000
E1
5.800
6.240
e
1.270 Typical
L
0.400
1.270
θ
0°
8°
Ordering Information
Product Sales Code
Description
Package
ZLED7002-ZI1R
ZLED7002 – Toggle (Side-Step) Dual-Channel LED Driver
SOP8 (Tape & Reel)
ZLED7002KIT-E1
ZLED7002 Evaluation Kit
Kit
Sales and Further Information
www.zmdi.com
LED_Drivers@zmdi.com
Zentrum Mikroelektronik
Dresden AG (ZMD AG)
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
8413 Excelsior Drive
Suite 200
Madison, WI 53717
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Phone +49 (0)351.8822.7.533
Fax
+49 (0)351.8822.8.7533
Phone
+1 (608) 829-1987
Fax
+1 (631) 549-2882
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG (ZMD AG) assumes no obligation
regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under no circumstances shall ZMD AG be liable to any customer, licensee, or
any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG
hereby expressly disclaims any liability of ZMD AG to any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in
connection with or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise
.
Typical Applications
Battery-driven LED lighting including
• Helmet lighting
• Bicycle lighting
• Miner lamps
• Pocket lights
Voltage-level indicators
General purpose low-voltage industrial and
consumer LED applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com