Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
11 of 13
4
ESD Protection
All pins have an ESD protection of
≥±4000V according the Human Body Model (HBM). The ESD test follows the
Human Body Model with 1.5 k /100 pF based on MIL 883-G, Method 3015.7.
5
Pin Configuration and Package
Figure 5.1
ZLED7002 Pin Configuration
Table 5.1
ZLED7002 Pin Descriptions and Connection Requirements—SOP8 Package
Pin
No.
Description (Also see section 3.2 for layout guidelines)
VCC
1
Power supply (2.7V to 5.5V).
UV
2
Under-voltage detection input.
ISET
3
Input for external resistor that sets the current for the MAIN LED channel.
NC
4
No connection.
NC
5
No connection.
GND
6
Connect to ground.
MAIN
7
MAIN channel constant current source. Connect to cathode of MAIN LED.
SUB
8
SUB channel current sink. Connect to cathode of D1 (Zener diode) connected to cathode of SUB LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com