Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
6 of 13
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
1.3.8
UV pin comparator
hysteresis
(upper threshold – under-
voltage threshold)
VUVHYS
Switches from SUB LED
to MAIN LED if VUV-PIN
transitions from low voltage
to high voltage and
VUV-PIN is higher than
VUVTHRSH + VUVHYS (the
upper threshold).
80
mV
1.3.9
Thermal protection
threshold
TSD
160
°C
1.3.10
Junction-to-ambient
temperature
RθJA
128
°C/W
1.3.11
MAIN pin current
IMAIN
250mA
mA
1.3.12
SUB pin current
ISUB
100mA
mA
1.4.
Typical Performance Graphs
Figure 1.1
Iset Pin Voltage versus Temperature (+10°C to 100°C)
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com