Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
8 of 13
+
=
−
2
R
1
R
2
R
V
V
CC
PIN
UV
=
3
R
V
8000
I
ISET
MAIN
2.2.
Under-Voltage Threshold
The ZLED7002’s UV pin enables under-voltage detection. When a high-to-low transition occurs on the power supply voltage
and the voltage at the UV pin falls below the under-voltage threshold (typically 1.17V), the ZLED7002 automatically turns off
the MAIN LED channel and actives the SUB channel. There is an 80mV hysteresis for the under-voltage threshold to prevent
unintended activation due to power supply ripple. When a low-to-high transition occurs on the power supply voltage, the SUB
channel is turned off and the MAIN channel is activated if the UV pin voltage is 80mV (typical) above the under-voltage
threshold.
The voltage at the UV pin (VUV-PIN) is determined by the ratio of the external resistors R1 and R2 (see Figure 3.1), which
connect to the UV pin to form a voltage divider across the power supply. VUV-PIN can be calculated with equation (1):
(1)
If the values for R1 and R2 are low, high current will flow through them resulting in lower system efficiency. Typical values for
R1 and R2 are in the magnitude of 10
5; e.g., 51k . For design purposes, it is helpful to select the value for R2 first and then
compute R1 as needed to achieve the target ratio.
For applications using a lithium battery, which typically maintains ~3.7V during its discharge stage, setting VUV-PIN to 3.4V is
recommended.
2.3.
Main LED Current
The R3 resistor connected between the Iset and GND pins determines the level of the constant current through the MAIN LED
channel, which is typically 8000 times the current of the Iset pin. The voltage at the Iset pin is a constant 1.2V, which is
unaffected by environmental temperature and any power supply voltage changes as shown in Figure 1.1 and Figure 1.2.
The MAIN LED current flows through the MAIN pin to ground, so voltage dropout is minimal (as low as 0.1V when the MAIN
channel current is 200mA).
Note: System efficiency is reduced if the power supply voltage is larger than the MAIN LED’s voltage. In this case, the
additional voltage is added to the MAIN pin voltage.
The MAIN LED channel current (IMAIN) is calculated via equation (2):
(2)
2.4.
Sub LED Current
The SUB LED channel current is determined by the external R4 resistor in series with the connected SUB LED string, the SUB
LED forward voltage, and the voltage drop across the D1 Zener diode connected from the cathode of the SUB LED to the SUB
pin. When the SUB channel is active, its current flows through the SUB pin to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com