Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZLED7002 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZLED7002 toggle (side-step) dual-channel LED
driver is one of our ZLED family of LED control ICs. It
operates in the lower DC voltage supply range of 2.7V to
5.5V. This unique LED driver is capable of controlling a
MAIN channel and a SUB channel. Typically, only one of
the two channels is active and the ZLED7002 toggles
between the channels automatically in response to the
voltage supply level and the related voltage at the UV
(under-voltage protection) pin. A high-to-low transition of
the power supply causes the output current to switch
from the MAIN channel to the SUB channel if the UV pin
voltage (VUV-PIN) is below the ZLED7002’s under-voltage
threshold (VUVTHRSH=1.17V, typical). A low-to-high tran-
sition switches the output current from the SUB channel
to the MAIN channel if the UV pin voltage is 80mV (typi-
cal) above the under-voltage threshold.
The MAIN channel is a configurable constant current
source driving the MAIN LED string with a maximum
current draw of 250mA. The MAIN LED channel current
is set by an external resistor (R3) connected to the Iset
pin. Alternately, the SUB channel is activated when the
ZLED7002’s SUB pin is pulled to ground. Its current is
determined by the forward voltage of the SUB LED and
external components. The SUB channel can drive up to
100mA current through the LED channel when active.
The ZLED7002 enables voltage-level indicator applica-
tions and low-power battery-driven lighting applications
that require switching to a lower-current LED channel
when the supply is low, which extends the lighting life-
time. Because the dropout voltage (VDP) is minimal (as
low as 0.1V when the MAIN channel output current is
~200mA), the ZLED7002 is optimal for battery-powered
applications. Capable of operating efficiently with DC
voltage supplies ranging from 2.7V to 5.5V, it is ideal for
small portable lighting applications.
The ZLED7002 can also reduce bill-of-material costs
because very few external components are required for
most applications, making it an optimal fit for small
devices for which lighting lifetime is critical. Only four
resistors, a diode, and a capacitor are needed for a
typical basic application.
Features
• Automatic MAIN channel short-circuit protection
switches the output current to the SUB channel
if the MAIN LED is shorted
• Under-voltage power supply detection
• Over-temperature protection
Benefits
• Extends lighting life-time by switching to a lower-
current LED channel when the supply is low
• 80mV (typical) hysteresis prevents unintended
switching activation due to power supply ripple
• Ultra low quiescent current: 250µA typical
• Very few external components needed for operation
Available Support
• Evaluation Kit
Physical Characteristics
• Voltage supply: 2.7V to 5.5V DC
• Operating temperature: -25°C to 85°C
• Small SOP8 package
For additional information on our ZLED driver family,
visit www.zmdi.com/products/led-drivers/
ZLED7002 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com