Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7002 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ZLED7002
Description  Toggle (Side-Step) Dual-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7002 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ZLED7002 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7002 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ZLED7002
Toggle (Side-Step) Dual-Channel LED Driver
Data Sheet
August 10, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.3.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
12 of 13
Figure 5.2
SOP8 Package Drawing
Table 5.2
SOP8 Package Dimensions
Dimension (mm)
Dimension (mm, except θ)
Symbol
Min
Max
Symbol
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com