Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
10 of 90
Symbol
Parameter
Min
Typ
1)
Max
Unit
Conditions
tTLHdelayCOM2
Propagation delay L-H edge
700
ns
Time from LV L-H edge till HV
edge begins to rise (COM2 baud
rate)
tTHLdelayCOM2
Propagation delay H-L edge
700
ns
Time from LV H-L edge till HV
edge begins to fall (COM2 baud
rate)
Receiver Input Channels (COM
3/AUX4)
Vih1
IO-Link specific threshold, High
10.75
12.75
V
Vil1
IO-Link specific threshold, Low
8.75
10.75
V
Vihyst1
IO-Link specific thresholds,
Hysteresis
1.5
2.5
V
Vih2
Ratiometric threshold, High
52
57
%
VDD_HV
Vil2
Ratiometric threshold, Low
43
47.7
%
VDD_HV
Vihyst2
Ratiometric thresholds,
Hysteresis
7
11.6
%
VDD_HV
Rin
Input resistance
150
kOhms
Cin
Input capacitance
20
pF
tRdelay
Propagation delay without
filtering
80
100
200
ns
ns
ns
No filter within signal path.
Input edge with:
>30V/µs (COM3)
>5V/µs (COM2)
>0.75V/µs (COM1)
tFRdelay
Propagation delay with analog
filtering
750
850
950
ns
@VDD_HV = 24V, Input edge
with:
>30V/µs (COM3)
tRpulse
Minimal propagated pulse width
without filtering
25
ns
tFRpulse
Minimal propagated pulse width
with analog filtering
1.1
µs
tDIGdelay
Additional propagation delay with
digital filtering
180
440
ns
fcut
Input filter – cut off frequency
(-3dB) COM and AUX channel
100
250
kHz
filter characteristic: 1
st order
Isink1
Sink strength 1
2
2.5
3
mA
Line input voltage >5V
Isink2
Sink strength 2
5
6
7
mA
According to IO-Link
Specification
Rpull
Configurable pull-up/pull-down
resistor @ COM_O/AUX_O
100k
250k
Ohms
3 The COM receiver is only available inside the products ZIOL24xx/22xx
4 The AUX receiver is only available inside the products ZIOL24xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com