Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 50Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 51Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 54Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 55Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 56Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 57Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
54 of 90
3.3.11. Die Temperature Measurement
Figure 3.18 illustrates the die temperature measurement of the ZIOL2xxx IC. The die temperature is measured
with an on-chip sensor right in the center of the silicon die. Since there is one temperature sensor which has a
certain distance to all the different locations that produce heat (due to dissipated electrical power), the sensor can
only indicate a rough average value of the die temperature. This shall be considered in defining the alarm values
for the over-temperature counter and in defining the over-temperature lock mode duration.
In combination with four comparators the temperature sensor circuit provides five temperature levels that
correspond to certain temperatures as described in Table 3.8. The current die temperature (level) can be retrieved
in reading the status register MON_DEVICE_TEMP[19].
Table 3.8
Temperature Sensor Levels
Temperature
Level
Typical Trigger
Temperature
Value
1)
Min.
Trig.
2)
Max.
Trig.
2)
Unit MON_DEVICE_TEMP[19]
value
Remarks / OVER_TEMP
value for over-
temperature exception
Blue
< 95
°C
0b0000
No comparator level
reached
Green
> 100
95
105
°C
0b0001
0b0001
Yellow
> 110
105
115
°C
0b0011
0b0010
Orange
> 120
115
125
°C
0b0111
0b0100
Red
> 130
125
135
°C
0b1111
0b1000
Software-Test
n.a.
n.a.
n.a.
n.a.
0bxxxx
0b0000
4)
1) The mentioned typical values of IC properties shall not be considered as statistical guaranteed mean values.
2) The tolerance (deviation from the typical trigger value) is ±5°C. The deviation is for all trigger values the same. This means for
example that in extreme situations all trigger levels equal the min. temperature or the max. temperature trigger value.
3) Setting configuration register[7][3:0] = 0b1111 will cause an over-temperature exception immediately. This setting is supposed to
be used while software development and not supposed to be used in regular operation.
4) There is a deviating code 0b1111for the software test which valid for Rev A only.
The configuration-register OVT_TEMPERATURE defines what temperature level causes an over-temperature
exception (Figure 3.18/Table 3.8). This configuration feature ensures a flexibility of the IC in various application
cases.
Depending on the IC configuration an over-temperature can cause disabled HV drivers in order to prevent the IC
against damage. Besides the DC/DC converter all other IC building feature will still function, also if a over-
temperature exception has been detected
22. Thus all control and diagnostic functions are still available if the IC is
being overheated.
3.4.
Smart Power Supply
The internal low voltage supply of the chip is 3.3V and generated by an on chip linear regulator. In order to
decouple this voltage a capacitor needs to be connected externally. Since the regulator supports more load
current than the IC requires itself, a certain current can be drawn by the external application (Table 2.2).
22 This security shutdown of the DC/DC converter is not implemented in the IC revision A but prearranged for later easy implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com