Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 42Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 43Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 44Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 45Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 46Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 48Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 49Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
46 of 90
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
26 RESERVED
7:2
0
r/rst
RESERVED
26 MON_LINE_FAULT
0
r/rst
Line fault occurred
26 MON_UNDER_VOLTAGE
0
r/rst
Under voltage
occurred
Manufacture Use Only
27:30
7:0
0
r
Read returns 0
PRODUCT_ID
31
7:0
ID
r
Allows to retrieve
product and revision
information
Added in
Rev B
3.3.10. Interrupt and IC Lock Mode Control
3.3.10.1. Interrupt Handling
The INT_L pin provides indication functionality for a set of IC-internal exceptions. Once an exception had
occurred, expressed as logic low of the INT_L signal, the actual cause can be evaluated by reading the IC’s
status register via the SPI interface. Depending on the condition – a reset of the exception by reading the
corresponding status register can be performed.
The following exceptions are combined in the INT indication functionality:
 Lock caused by power fail detector (refer to chapter 3.5)
 Lock caused by COM-Overload (refer to chapter 3.3.10)
 Lock caused by AUX-Overload (refer to chapter 3.3.10)
 Lock caused by over-temperature (refer to chapter 3.3.10)
 EEPROM-single-bit-error (refer to chapter 3.3.7)
 EEPROM-2bit-error (refer to chapter 3.3.7)
 Valid-flag-cleared due to possibly corrupt EEPROM (refer to chapter 3.3.7)
 WURQ detected (refer to chapter 3.3.4)
Figure 3.14 illustrates the handling of the above mentioned exceptions and their monitoring. It also shows how to
configure the interrupt (INT_L pin) and wake-up (WURQ_L pin) signal generation. Besides several exceptions
concerning channel overload, die over-temperature and IO-Link specific wake-up situations the IC can also signal
problems as regards the EEPROM.
Since the configuration registers get their content initially from the EEPROM, the data should be correct. The
following described features make sure that no corrupt EEPROM data can cause unwanted IC configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com