Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 83Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 84Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 85Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 86Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 87Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 88Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 89Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 90Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 91Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
89 of 90
Appendix C
ZIOL2xxx Line Fail Detector
The following description of the Line-Fail (LF) Detection feature assumes the utilization of both channels in device
mode. In the case one channel is used only, the number of failures that can be detected with the LF detector will
be reduced accordingly. The following supply failures (Table 10.1) shall be detected or shall not cause undefined
or malfunctions of the device (sensor/actuator). For more information about the Line-Fail detector as part of the
Power-Fail detection feature of the ZIOL2xxx ICs, please refer to chapter 3.5.
Table 10.1 Abnormal Power Supply Situations
Number
Failure
IC Supply
IC function
F1
L+ break
F2
L- break
F3
L+ and L-
break
After the break occurred the IC is
supplied by the decoupling caps
which are between VDD and VSS
and LR_OUT and VSS, respectively.
In addition to that the IC might get
“supply power” via incoming (toggling)
cable signals.
As long as the IC has sufficient supply
power (which is normally - at least for
some milliseconds - the case), the LF
function will detect this as LINE_FAULT
event and will rise an exception. This
exception can be signaled to the µC via
the INT_L signal if configured accordingly.
Customer recommendation:
Subsequently the µC shall stop any
communication and shall handle (e.g.
signal) the power fail situation.
F4
24V power
supply falsely
interconnected
to COM/AUX
in combination
with F1, F2, or
F3.
The IC is permanently powered via
the COM/AUX external protection
diodes (and internal parasitic diodes).
The LF function will detect this as
LINE_FAULT event and will raise an
exception. This exception can be signaled
to the µC via the INT_L signal if
configured accordingly.
Customer recommendation:
Subsequently the µC shall stop any
communication and shall handle (e.g.
signal) the power fail situation (e.g. by
influencing signaling LEDs).
F5
Correct
interconnection
of the 24V
power supply
to L+ and L-
but in addition
to that is the
24V power
supply falsely
interconnected
No difference to the regular power
supply situation.
The LF detector will not act in this
situation.
However, the IC protection is provided by
the overload and over temperature
protection feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com