Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 80Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 81Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 82Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 83Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 84Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 85Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 86Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 87Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
84 of 90
behavior when reading the peak register as shown in Figure 10.4. The peak register is loaded with the overload
counter value again as long the over-temperature situation is present.
Figure 10.4 Overload Counter Behavior in typical Over-Temperature Situations
A.3. Overload Counter and Lock Reset Methods
The ZIOL2xxx has two special status registers (register[16:17]). Those status registers do not contain information
about the IC status. Thus reading those registers will always result to the value zero for each register. However
those registers are used to perform special resets within the COM, AUX, and temperature lock circuits. In addition
to that register[16] can also reset the WURQ exception.
The way to perform a particular reset operation is writing into the register (write
24 pulse access; please refer to
chapter 3.3.9) the bit-value “1” at a certain bit position which is assigned to the desired reset operation.
Register[16] performs the following reset operations by writing a “1” into the following bit positions:
Bit[0]:
Reset over-temperature counter and reset of the internal and
stored over-temperature (OVT) exception
Bit[1]:
Reset the COM over-current counter and reset of the internal and stored COM
24 Note: IC versions ZIOL2xx2 do not allow any write access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com