Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 46Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 47Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 48Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 49Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 50Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 51Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 52Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
50 of 90
Figure 3.16 AUX Channel Lock Control
20
Low side
stage
AUX_LS
(8bit)
Comparator
8
Peak values
8
High side
stage
AUX_HS
(8bit)
8
AND
count
AUX_HS_OVL
AND
count
AUX_LS_OVL
Counter == Assert_time
Counter == Assert_time
AND
AND
OR
8
Comparator
Lock counter
AUX_LOCK_TIME
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
COM-Channel
8
set
clear
8
Peak values
To register IRQ_STATUS
Enables time based lock reset
[6:5]
0b00: 200 ns
0b01:
1 ms
0b10:
8 ms
0b11: 16 ms
2
rst
1
1
2
:
if input signal
==1
:
if input signal
== 0
- no overrun
- no underrun
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxx1xxxx
- 0à1 transition of
AUX_OVL_HS_EN
Counter reset with
- write access to
MON_RST_COUNTER [17]
Data = 0bxxxx1xxx
- 0à1 transition of
AUX_OVL_LS_EN
From AUX_LS overload
detector
From AUX_HS overload
detector
SPI
rst
2
SPI
AUX_ASSERT_TIME
0
7
bit
reset
1
6
5
4
3
2
1
1
1
1
1
0
1
0
r / w
AUX_OVL_LS_EN
AUX_OVL_HS_EN
AUX_LS_LOCK_EN
AUX_HS_LOCK_EN
AUX_LOCK_TIME_RST
AUX_OVL_TBASE
reseved
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / w
MOM_AUX_HS_PEAK
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
MOM_AUX_LS_PEAK
0
7
bit
reset
0
6
5
4
3
2
1
0
0
0
0
0
0
0
r / rst
Driver OFF
AND
20 The AUX transmitter is only available inside the products ZIOL24xx/21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com