Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 53Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 54Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 55Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 56Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 57Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 58Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 59Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 60Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
57 of 90
“sense” resistors which are interconnected to the L+ and L- pin of the sensor/actuator device. Those resistors
provide a voltage divider. The so downscaled supply voltage (voltage at the pin PFD) is compared with the output
voltage of an IC-internal voltage divider. In case of abnormal power supply of the IC (refer to Figure 3.20) a
window comparator will detect this situation as LINE_FAULT event. The further processing of the LINE_FAULT
event depends on the LF_ENABLE configuration flag (Figure 3.20). A Power-Fail Lock (LOCK_PF) will be
generated only if the duration of the so detected abnormal power supply (or break of power supply) is longer than
10ms (Figure 3.20).
3.5.3.
Under-voltage Detector
The IC has a Power-on-reset circuit which puts the IC in RESET state while power-on, or if the internal (core)
supply voltage of 3.3V (voltage at LR_OUT) drops below a critical value. For example with VDD = 5V the internal
3.3V power supply may not be jeopardized thus the IC control will work as usual. In this situation the under-
voltage detection shall protect the HV driver which may not work correctly with VDD < 8V and which might have a
chance to get damaged in this situation. If configured the Under-Voltage detector will avoid this situation by
locking both driver channels.
3.5.4.
Channel Locking and Interrupt Generation
As mentioned in chapter 3.5.1 both channels can be locked if one or both of the events LINE_FAULT and
UNDER_VOLTAGE occur. In this case the resulting signal LOCK_PF (refer to Figure 3.20) will be stored in the
IRQ_STATUS status register [18][7] (refer to Table 3.7). Depending on the IRQ_ENABLE configuration register
[0][7] or on IRQ_NOREG (configuration register [14][3]) and interrupt (pin INT_L ) can be issued.
3.5.5.
Downward Compatibility
The introduction of the PFD in IC Rev B goes in parallel with the conversion of the formerly master enable (M_EN)
pin to a voltage sense pin (PFD pin). Therefore the master enable /disable function must be defined by using a
configuration flag. Since old PCB designs are using the M_EN interconnection either to VDD/LR_OUT or VSS
(enabling/disabling the master functionality), the LF feature cannot be used.
3.6.
DC/DC Converter23
3.6.1.
Principle of Operation
The on chip DC/DC converter is a constant frequency (2.5MHz) buck converter with an adjustable output voltage.
The wide input voltage range of 8V to 36V, a minimized output ripple (< 25mVpp), and the maximum output
current of 50mA make the converter suitable for standard sensor/actuator applications. The output voltage can be
adjusted with an external voltage divider.
The electrical characteristics are shown in the chapter “operating conditions” (chapter 1).
The DC/DC converter can be disabled if the application does not require this functionality. In order to do this the
FB pin shall be connected to the 3.3V LV power supply output (pin LR_OUT).
23 Only available with IC versions ZIOL240x/220x/210x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com