Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 81 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 81 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 77Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 78Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 79Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 80Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 81Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 82Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 83Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 84Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 85Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
81 of 90
Where Tclk is the for the lock circuit configured counter clock (which is the same clock as used for the overload
counter, refer to Figure 3.15, Figure 3.16, Figure 3.17) having a period of 200ns, 1ms, 8ms, or 16ms and where
LockTimeVal is the in the related assert time register stored value.
Figure 10.1 Peak Register Access Scenarios
In contrast to Figure 10.1 in where the overload situation stops at the point in time in which the driver has been
locked Figure 10.2 shows a situation in which the overload situation, especially an over-current situation is kept.
This situation occurs for instance due to a low impedance load which is permanently interconnected to the driver
output. In addition to that the lock reset is configured in that way that its period is significantly shorter compared
with the assert time period. In this case the overload counter does not reach the zero value at the point in time the
lock is reset. This in the following time the assert time is shortened and equals approximately the lock time that
even passed by.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com