Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZIOL2102 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ZIOL2102
Description  IO-Link compliant HV Line Driver IC Family
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZIOL2102 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ZIOL2102 Datasheet HTML 34Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 35Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 36Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 37Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 38Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 39Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 40Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 41Page - List of Unclassifed Manufacturers ZIOL2102 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
ZIOL2xxx – IC Family
IO-Link compliant HV Line Driver IC Family
Data Sheet
January 31, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
38 of 90
Reg.-Name
Addr.
Bit-Field
Bit Reset-
Value
r/w
Comment
Reference
0
IRQ_EN_LOCK_AUX
2
1
r/w
interrupt enable for
over-load lock of
AUX line driver
0
IRQ_EN_LOCK_COM
1
1
r/w
interrupt enable for
over-load lock of
COM line driver
0
IRQ_EN_LOCK_OVT
0
1
r/w
interrupt enable for
over-temperature
lock of both, AUX
and COM, line
drivers
COM_CTRL
1
7:0
0
r/w
IOLINK-control-
register
1
COM_DIG_FILTER
7
0
r/w
Enable digital RX-
Filter
1
COM_INV_SEND
6
0
r/w
invert receive and
send (implemented in
digital part)
1
COM_RATIO
5
0
r/w
Disables the receiver
IO-Link levels and
enables ratiometric
1
COM_COM3
4
0
r/w
COM3-Mode (slope-
control),
0: COM2
1: COM3
1
COM_NOEDGE
3
0
r/w
Disables Edge
control
1
COM_FILTER
2
0
r/w
Filter-enable
0=off / 1 = on
1
COM_LS_ON
1
0
r/w
LowSide-Driver
0=off / 1=on
1
COM_HS_ON
0
0
r/w
HighSide-Driver
0=off / 1=on
COM_PARAM
2
7:0
0
r/w
IOLINK-Control-
Parameters
2
COM_SINK_STRENGTH
7
0
r/w
Sink_strength
2
COM_PULLUP_EN
6
0
r/w
Pull-Up Enable for
COM-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com