Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 16 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments LM4510SDEV Datasheet HTML 14Page - Texas Instruments LM4510SDEV Datasheet HTML 15Page - Texas Instruments LM4510SDEV Datasheet HTML 16Page - Texas Instruments LM4510SDEV Datasheet HTML 17Page - Texas Instruments LM4510SDEV Datasheet HTML 18Page - Texas Instruments LM4510SDEV Datasheet HTML 19Page - Texas Instruments LM4510SDEV Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
PGND
AGND
COMP
SS
FB
CIN
CS
L = 4.7 é
H
RC
CC
RT
RF
Battery or
Power Source
Pull high for TORCH
Pull high for FLASH
VIN
SW
VOUT
EN
COUT
LM4510
50Ö
12.4Ö
10 é
F
4.7 é
F
10 nF
46.6k
2.2 nF
Everlight
47-23UWD/TR8
=
ITorch
]
A
[
VFB
RT
]
A
[
=
IFlash
VFB
R
//
R
F
T
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
3. All voltage-sensing resistors (RF1, RF2) should be kept close to the FB pin to minimize copper trace
connections that can inject noise into the system. The ground connection for the voltage-sensing resistor
should be connected directly to the AGND pin.
4. Trace connections made to the inductor should be minimized to reduce power dissipation, EMI radiation and
increase overall efficiency. Also poor trace connection increases the ripple of SW.
5. CS, CC1, CC2, RC must be placed close to the device and connected to AGND.
6. The AGND pin should connect directly to the ground. Not connecting the AGND pin directly, as close to the
chip as possible, may affect the performance of the LM4510 and limit its current driving capability. AGND
and PGND should be separate planes and should be connected at a single point.
7. For better thermal performance, DAP should be connected to ground, but cannot be used as the primary
ground connection. The PC board land may be modified to a "dog bone" shape to reduce SON thermal
impedance. For detail information, refer to Application Note AN-1187.
FLASH/TORCH APPLICATION
LM4510 can be configured to drive white LEDs for the flash and torch functions. The flash/torch can be set up
with the circuit shown in Figure 29 by using the resistor RT to determine the current in Torch Mode and RF to
determine the current in Flash Mode. The amount of current can be estimated using the following equations:
(11)
Figure 29. Flash/Torch Circuit Using LM4510
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com