Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 4 Page - Texas Instruments

  LM4510SDEV Datasheet HTML 1Page - Texas Instruments LM4510SDEV Datasheet HTML 2Page - Texas Instruments LM4510SDEV Datasheet HTML 3Page - Texas Instruments LM4510SDEV Datasheet HTML 4Page - Texas Instruments LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Limits in standard type face are for TJ = 25°C only. Limits in boldface type apply over the full operating junction temperature
range (
−40°C ≤ TJ ≤+125°C). Unless otherwise stated the following conditions apply: VIN = 3.6V, EN = 3.6V.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
VFB
FB Pin Voltage
2.7V
≤ VIN ≤ 5.5V
1.24
1.265
1.29
V
IFB
FB Pin Bias Current(3)
0.050
1.5
µA
NMOS Switch RDS(on)
ISW = 0.3A
0.45
1.1
RDS(on)
Ω
PMOS Switch RDS(on)
ISW = 0.3A, VOUT = 10V
0.9
1.1
ICL
NMOS Switch Current Limit
1.0
1.2
1.8
A
Device Switching
EN = 3.6V, FB = COMP
1.7
2.5
mA
IQ
Non-switching Current
EN = 3.6V, FB > 1.29V
0.8
2.0
mA
Shutdown Current
EN = 0V
0.002
0.050
µA
IL
SW Leakage Current(3)
SW = 20V
0.01
0.150
µA
IVOUT
VOUT Bias Current(3)
VOUT = 20V
50
90
150
µA
PMOS Switch Leakage
SW = 0V, VOUT = 20V
IVL
0.001
0.100
µA
Current
fSW
Switching Frequency
0.85
1.0
1.2
MHz
DMAX
Maximum Duty Cycle
FB = 0V
88
94
%
DMIN
Minimum Duty Cycle
15
20
%
Error Amplifier
Gm
70
130
200
µmho
Transconductance
Device Enable
HIGH
1.2
0.81
EN
V
Threshold
Device Shutdown
LOW
0.78
0.4
IEN
EN Pin Bias Current
0 < EN < 3.6V
3.2
8.0
µA
ON Threshold
18.0
19.7
20.7
V
FB Fault
Feedback Fault Protection
Protection
OFF Threshold
17.0
18.7
20.0
ON Threshold
2.5
2.65
UVLO
Input Undervoltage Lockout
V
OFF Threshold
2.1
2.35
ISS
Soft-Start Pin Current(4)
9
11.3
15
µA
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
production tested, specified through statistical analysis or by design. All limits at temperature extremes are specified via correlation
using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Current flows into the pin.
(4)
Current flows out of the pin.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com