Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 5 Page - Texas Instruments

  LM4510SDEV Datasheet HTML 1Page - Texas Instruments LM4510SDEV Datasheet HTML 2Page - Texas Instruments LM4510SDEV Datasheet HTML 3Page - Texas Instruments LM4510SDEV Datasheet HTML 4Page - Texas Instruments LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TEMPERATURE (°C)
1.03
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
-40
-20
0
20
40
60
80
100
Frequency at VIN = 2.7V
Frequency at VIN = 3.6V
Frequency at VIN = 4.5V
IOUT (mA)
16.24
16.22
16.20
16.18
16.16
16.14
16.12
16.10
0
20
40
60
80
VIN = 5.5V
VIN = 4.5V
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
TEMPERATURE (°C)
17.04
17.02
17.00
16.98
16.96
16.94
16.92
16.90
16.88
16.86
16.84
-60
-40
-20
0
20
40
60
80
100
IOUT = 100 mA
IOUT = 10 mA
IOUT = 50 mA
90°C
-35°C
25°C
2
2.5
3.5
4.5
5.5
3
5
4
6
0
50
100
150
200
250
300
350
400
450
VIN (V)
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
-40
-20
0
20
40
60
80
100
PMOS VIN = 3.6V
NMOS VIN = 3.6V
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2.8
3.2
3.6
4
4.4
4.8
5.2
VIN (V)
IQ at 85°C
IQ at 25°C
IQ at -35°C
5.6
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
Typical Performance Characteristics
LM4510SD, Circuit of Figure 1, (L=4.7 µH, COILCRAFT, DO3316-472ML; CIN=4.7 µF, TDK, C2012X5R0J475K; COUT=10 µF,
AVX, 12103D106KAT2A; CS=10 nF, TDK, C1608C0G1E103J; CC1=2.2 nF, Taiyo Yuden, TMK107SD222JA-T; RC=46.4 KΩ,
Yageo, 9t06031A4642FBHFT), VIN=3.6V, VOUT=16V, TA=25°C, unless otherwise noted.
Switching Quiescent Current
RDS(on)
vs
vs
VIN
Temperature at VIN= 3.6V
Figure 4.
Figure 5.
Load Capabilty
Output Voltage
vs
vs
VIN
Temperature
(VOUT = 16 V )
(VOUT = 17 V )
Figure 6.
Figure 7.
Switching Frequency
vs
Load Regulation
Temperature
(VOUT = 16 V )
Figure 8.
Figure 9.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com