Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 9 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments LM4510SDEV Datasheet HTML 10Page - Texas Instruments LM4510SDEV Datasheet HTML 11Page - Texas Instruments LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LOGIC
SYNC/NON-
SYNC
PWM
Ramp
AGND
CURRENT
LIMIT
10 uA
SW
COMP
VIN
PGND
EN
FB
S/D
OSC
UVP
SCP
Current
Sense
UVP
REF
BG
BG
TSD
+
-
+
-
+
-
Feedback Fault Protection
RESET
SET
EAMP
REF
SS
VOUT
Q
Q
R
S
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
BLOCK DIAGRAM
Figure 23. LM4510 Block Diagram
Operation Description
LM4510 is a peak current-mode, fixed-frequency PWM boost regulator that employs both Synchronous and Non-
Synchronous Switching.
The DC/DC regulator regulates the feedback output voltage providing excellent line and load transient response.
The operation of the LM4510 can best be understood by referring to the Block Diagram.
NON-SYNCHRONOUS OPERATION
The device operates in Non-synchronous Mode at light load (IOUT < 10 mA) or when output voltage is lower than
10V (typ.). At light load, LM4510 automatically changes its switching operation from 'Synchronous' to 'Non-
Synchronous' depending on VIN and L. Non-Synchronous operation at light load maximizes power efficiency by
reducing PMOS driving loss.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com