Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 15 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 11Page - Texas Instruments LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments LM4510SDEV Datasheet HTML 14Page - Texas Instruments LM4510SDEV Datasheet HTML 15Page - Texas Instruments LM4510SDEV Datasheet HTML 16Page - Texas Instruments LM4510SDEV Datasheet HTML 17Page - Texas Instruments LM4510SDEV Datasheet HTML 18Page - Texas Instruments LM4510SDEV Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
1
=
f
2
PC
]
Hz
[
C
)
R
//
R
(
2
2
C
O
C
S
1
=
fPC
]
Hz
[
C
)
R
+
R
(
2
1
C
O
C
S
1
=
fZC
]
Hz
[
C
R
2
1
C
C
S
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
The series combination of RC and CC1 introduces a pole-zero pair according to the following equations:
(9)
In addition, CC2 introduces a pole according to the following equation:
(10)
Where RO is the output impedance of the error amplifier, approximately 1 MΩ, and amplifier voltage gain is
typically 200 V/V depending on temperature and VIN.
Refer to Table 4 for suggested soft start capacitor and compensation components.
Table 4. Suggested CS and Compensation Components
Case Size
Model
Type
Vendor
Voltage Rating
Inch (mm)
(CS) C1608C0G1E103J
Ceramic, X5R
TDK
6.3V
603 (1608)
(C1)TMK107SD222JA-T
Ceramic, X5R
Taiyo Yuden
25V
603 (1608)
(RC) 9t06031A4642FBHFT
Resistor
Yageo Corporation
1/10W
603 (1608)
LAYOUT CONSIDERATIONS AND THERMAL MANAGEMENT
Figure 28. Evaluation Board Layout
High frequency switching regulators require very careful layout of components in order to get stable operation
and low noise. All components must be as close as possible to the LM4510 device. Refer to Figure 28 as an
example. Some additional guidelines to be observed:
1. CIN must be placed close to the device and connected directly from VIN to PGND pins. This reduces copper
trace resistance, which affects the input voltage ripple of the device. For additional input voltage filtering,
typically a 0.1 uF bypass capacitor can be placed between VIN and AGND. This bypass capacitor should be
placed near the device closer than CIN.
2. COUT must also be placed close to the device and connected directly from VOUT to PGND pins. Any copper
trace connections for the COUT capacitor can increase the series resistance, which directly affects output
voltage ripple and makes noise during output voltage sensing.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com