Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 2Page - Texas Instruments LM4510SDEV Datasheet HTML 3Page - Texas Instruments LM4510SDEV Datasheet HTML 4Page - Texas Instruments LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments LM4510SDEV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
IOUT (mA)
100
90
80
70
60
50
40
0
10 20 30 40 50 60 70 80 90 100
VIN = 4.5V
VIN = 3.6V
VIN = 3.0V
VIN = 5.5V
IOUT = (mA)
85
80
75
70
65
60
55
50
0
40
80
120
160
200
240
280
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V
VIN (V)
5.040
5.035
5.030
5.025
5.020
5.015
5.010
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3
IOUT = 10 mA
IOUT = 120 mA
IOUT = 240 mA
4.5
IOUT (mA)
100
90
80
70
60
50
40
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
VIN = 5.5V
VIN = 4.5V
VIN = 2.7V
VIN = 3.6V
IOUT (mA)
5.030
5.028
5.026
5.024
5.022
5.020
5.018
5.016
5.014
0
50
100
150
200
250
300
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V
VIN (V)
16.25
16.23
16.21
16.19
16.17
16.15
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 30 mA
IOUT = 10 mA
IOUT = 70 mA
IOUT = 50 mA
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
LM4510SD, Circuit of Figure 1, (L=4.7 µH, COILCRAFT, DO3316-472ML; CIN=4.7 µF, TDK, C2012X5R0J475K; COUT=10 µF,
AVX, 12103D106KAT2A; CS=10 nF, TDK, C1608C0G1E103J; CC1=2.2 nF, Taiyo Yuden, TMK107SD222JA-T; RC=46.4 KΩ,
Yageo, 9t06031A4642FBHFT), VIN=3.6V, VOUT=16V, TA=25°C, unless otherwise noted.
Load Regulation
Line Regulation
(VOUT = 5 V )
(VOUT = 16 V )
Figure 10.
Figure 11.
Efficiency
vs
Line Regulation
Output Current
(VOUT = 5 V )
(VOUT = 16 V )
Figure 12.
Figure 13.
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT = 12 V )
(VOUT = 5 V, L= DO3314-472ML)
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com