Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 3 Page - Texas Instruments

  LM4510SDEV Datasheet HTML 1Page - Texas Instruments LM4510SDEV Datasheet HTML 2Page - Texas Instruments LM4510SDEV Datasheet HTML 3Page - Texas Instruments LM4510SDEV Datasheet HTML 4Page - Texas Instruments LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
Pin Descriptions (continued)
Name
Pin
Description
FB
8
Output voltage feedback connection.
N/C
9
No internal connection.
VOUT
10
Internal PMOS source connection for synchronous rectification.
DAP
DAP
Die Attach Pad thermal connection
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN
−0.3V to 6.5V
VOUT
−0.3V to 21V
SW(4)
−0.3V to VOUT+0.3V
EN, SS, COMP FB
−0.3V to 6.5V
PGND to AGND
−0.2V to 0.2V
Continuous Power Dissipation(5)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range (TS)
−65°C to +150°C
Lead Temperature
(Soldering, 10 sec)(6)
260°C
ESD Ratings(7)
Human Body Model
2.0kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
This condition applies if VIN < VOUT. If VIN > VOUT, a voltage greater than VIN + 0.3V should not be applied to the VOUT or VSW pins.
The absolute maximum specification applies to DC voltage. An extended negative voltage limit of -1V applies for a pulse of up to 1 µs,
and -2V for a pulse of up to 40 ns. An extended positive voltage limit of 22V applies for a pulse of up to 20 ns.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=150°C (Typ.) and
disengages at TJ=140°C (Typ.).
(6)
For detailed soldering information and specifications, please refer to Application Note 1187: Leadless Leadframe Package (SON) ,
available at www.national.com.
(7)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin (MIL-STD-883 3015.7). The machine
model is a 200 pF capacitor discharged directly into each pin.
Operating Conditions
Supply Voltage Range (VIN)
2.7V to 5.5V
Junction Temperature Range (TJ)
(1)
−40°C to +125°C
Output Voltage Range (VOUT)
Up to 18V
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX)
Thermal Properties
Junction to Ambient Thermal Resistance (
θJA) SON-10 Package
(1)
36°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is taken by a numerical analysis conforming to JEDEC standards. In applications where
high maximum power dissipation exists (high VIN, high IOUT), special care must be paid to thermal dissipation issues when designing the
board layout. For more information on these topics, please refer to Application Note 1187: Leadless Leadframe Package (SON).
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com