Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 2 Page - Texas Instruments

  LM4510SDEV Datasheet HTML 1Page - Texas Instruments LM4510SDEV Datasheet HTML 2Page - Texas Instruments LM4510SDEV Datasheet HTML 3Page - Texas Instruments LM4510SDEV Datasheet HTML 4Page - Texas Instruments LM4510SDEV Datasheet HTML 5Page - Texas Instruments LM4510SDEV Datasheet HTML 6Page - Texas Instruments LM4510SDEV Datasheet HTML 7Page - Texas Instruments LM4510SDEV Datasheet HTML 8Page - Texas Instruments LM4510SDEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
SW
PGND
VIN
EN
SS
Top View
Bottom View
VOUT
N/C
FB
COMP
AGND
IOUT (mA)
100
90
80
70
60
50
40
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
VIN = 5.5V
VIN = 4.5V
VIN = 2.7V
VIN = 3.6V
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM4510 features advanced short-circuit protection to maximize safety during output to ground short
condition. During shutdown the feedback resistors and the load are disconnected from the input to prevent
leakage current paths to ground.
The LM4510 is available in a 10-pin thermally enhanced Leadless Leadframe Package: SON-10.
Figure 2. Efficiency at VOUT = 16V
Connection Diagram
Figure 3. SON-10 No Pullback Package, 3mm x 3mm x 0.8mm
See Package Number DSC0010A
Pin Descriptions
Name
Pin
Description
SW
1
Switch pin. Drain connections of both internal NMOS and PMOS devices.
PGND
2
Power ground
VIN
3
Analog and Power supply input. Input range: 2.7V to 5.5V.
EN
4
Enable logic input. HIGH= Enabled, LOW=Shutdown.
SS
5
Soft-start pin
AGND
6
Analog ground
COMP
7
Compensation network connection.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com