Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4510SDEV Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4510SDEV
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDEV Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4510SDEV Datasheet HTML 9Page - Texas Instruments LM4510SDEV Datasheet HTML 10Page - Texas Instruments LM4510SDEV Datasheet HTML 11Page - Texas Instruments LM4510SDEV Datasheet HTML 12Page - Texas Instruments LM4510SDEV Datasheet HTML 13Page - Texas Instruments LM4510SDEV Datasheet HTML 14Page - Texas Instruments LM4510SDEV Datasheet HTML 15Page - Texas Instruments LM4510SDEV Datasheet HTML 16Page - Texas Instruments LM4510SDEV Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
12
D
+
_
I
RMS
COUT
=
)
1
(
D
-
»
¼
º
2
I
OUT
2
)
1
(
D
-
2
I
L
'
]
[ A
]
A
[
12
=
I
RMS
_
CIN
IL
'
LM4510
www.ti.com
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
To prevent loss of regulation, ensure that the NMOS power switch current limit is greater than the worst-case
peak inductor current in the target application.
Also make sure that the inductor saturation current is greater than the peak inductor current under the worst-case
load transient, high ambient temperature and startup conditions. Refer to Table 2 for suggested inductors.
Table 2. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH (mm)
D.C.R (max)
DO3314-472ML
COILCRAFT
3.3mm x 3.3mm x 1.4mm
320 m
Ω
DO3316P-472ML
COILCRAFT
12.95mm x 9.4mm x 5.4mm
18 m
Ω
INPUT CAPACITOR SELECTION
Due to the presence of an inductor, the input current waveform is continuous and triangular. So the input
capacitor is less critical than output capacitor in boost applications. Typically, a 4.7
μF to 10 μF ceramic input
capacitor is recommended on the VIN pin of the IC.
ICIN_RMS Check
The RMS current in the input capacitor is given by the following equation:
(6)
The input capacitor should be capable of handling the RMS current.
OUTPUT CAPACITOR SELECTION
The output capacitor in a boost converter provides all the output current when the switch is closed and the
inductor is charging. As a result, it sees very large ripple currents.
A ceramic capacitor of value 4.7
μF to 10 μF is recommended at the output. If larger amounts of capacitance are
desired for improved line support and transient response, tantalum capacitors can be used.
ICOUT_RMS Check
The RMS current in the output capacitor is given by the following equation:
(7)
The output capacitor should be capable of handling the RMS current.
The ESR and ESL of the output capacitor directly control the output ripple. Use capacitors with low ESR and ESL
at the output for high efficiency and low ripple voltage. The output capacitor also affects the soft-start time (See
SOFT-START FUNCTION AND SOFT-START CAPACITOR SELECTION). Table 3 shows suggested input and
output capacitors.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4510



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com