Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 2 Page - Texas Instruments

  LM48310 Datasheet HTML 1Page - Texas Instruments LM48310 Datasheet HTML 2Page - Texas Instruments LM48310 Datasheet HTML 3Page - Texas Instruments LM48310 Datasheet HTML 4Page - Texas Instruments LM48310 Datasheet HTML 5Page - Texas Instruments LM48310 Datasheet HTML 6Page - Texas Instruments LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
H-
BRIDGE
OSCILLATOR
VDD
PVDD
IN+
IN-
SD
GND
OUTA
OUTB
+2.4V to +5.5V
CS
CS
CIN
CIN
MODULATOR
SYNC_IN
SYNC_OUT
10.0
60.0
20.0
30.0
40.0
50.0
100.0
300.0
500.0
700.0
900.0
30.0
200.0
400.0
600.0
800.0
1000.0
FREQUENCY (MHz)
LM48310
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
www.ti.com
EMI Graph 20in of Speaker Cable
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com