Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 1 Page - Texas Instruments

  LM48310 Datasheet HTML 1Page - Texas Instruments LM48310 Datasheet HTML 2Page - Texas Instruments LM48310 Datasheet HTML 3Page - Texas Instruments LM48310 Datasheet HTML 4Page - Texas Instruments LM48310 Datasheet HTML 5Page - Texas Instruments LM48310 Datasheet HTML 6Page - Texas Instruments LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
LM48310
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D
Audio Power Amplifier with E2S
Check for Samples: LM48310
1
FEATURES
DESCRIPTION
The LM48310 is a single supply, high efficiency,
2
•
Passes FCC Class B Radiated Emissions with
mono, 2.6W, filterless switching audio amplifier. The
20 inches of cable
LM48310
features
TI’s
Enhanced
Emissions
•
E2S System Reduces EMI while Preserving
Suppression (E2S) system, that features a unique
Audio Quality and Efficiency
patent-pending ultra low EMI, spread spectrum, PWM
architecture, that significantly reduces RF emissions
•
Output Short Circuit Protection with Auto-
while preserving audio quality and efficiency. The E2S
Recovery
system
improves
battery
life,
reduces
external
•
Stereo Class D Operation
component count, board area consumption, system
•
No Output Filter Required
cost, and simplifying design.
•
Internally Configured Gain (12dB)
The LM48310 is designed to meet the demands of
•
Synchronizable Oscillator for Multi-Channel
portable multimedia devices. Operating from a single
Operation
5V supply, the device is capable of delivering 2.6W of
continuous output power to a 4
Ω load with less than
•
Low Power Shutdown Mode
10% THD+N. Flexible power supply requirements
•
Minimum External Components
allow operation from 2.4V to 5.5V. The LM48310
•
"Click and Pop" Suppression
offers two logic selectable modulation schemes, fixed
frequency mode, and an EMI suppressing spread
•
Micro-Power Shutdown
spectrum
mode.
The
E2S
system
includes
an
•
Available in Space-Saving WSON Package
advanced, patent-pending edge rate control (ERC)
architecture
that
further
reduce
emissions
by
APPLICATIONS
minimizing the high frequency component of the
device output, while maintaining high quality audio
•
Mobile Phones
reproduction (THD+N = 0.03%) and high efficiency (
η
•
PDAs
= 88%). The LM48310 also features a SYNC_IN input
•
Laptops
and SYNC_OUT, which allows multiple devices to
operate
with
the
same
switching
frequency,
KEY SPECIFICATIONS
eliminating
beat
frequencies
and
any
other
interference caused by clock intermodulation.
•
Efficiency at 3.6V, 400mW into 8
Ω 85% (typ)
The LM48310 features high efficiency compared to
•
Efficiency at 5V, 1W into 8
Ω 88% (typ)
conventional Class AB amplifiers, and other low EMI
•
Quiescent Power Supply Current at 5V 3.2mA
Class D amplifiers. When driving and 8
Ω speaker
•
Power Output at VDD = 5V, RL = 4Ω, THD+N ≤
from a 5V supply, the device operates with 88%
10% 2.6W (typ)
efficiency at PO = 1W. The gain of the LM48310 is
internally set to 12dB, further reducing external
•
Power Output at VDD = 5V, RL = 8Ω, THD+N ≤
component count. A low power shutdown mode
10% 1.6W (typ)
reduces supply current consumption to 0.01
μA.
•
Shutdown current0.01
μA (typ)
Advanced output short circuit protection with auto-
recovery prevents the device from being damaged
during fault conditions. Superior click and pop
suppression eliminates audible transients on power-
up/down and during shutdown.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48310 TI-LM48310 Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310 TI2-LM48310 Datasheet
1Mb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
REVISED MAY 2013
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48310SD/NOPB TI2-LM48310SD/NOPB Datasheet
1Mb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
REVISED MAY 2013
More results

Similar Description - LM48310

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48411 NSC-LM48411 Datasheet
407Kb / 18P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48411 NSC-LM48411_08 Datasheet
443Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48310 NSC-LM48310 Datasheet
477Kb / 20P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48311 NSC-LM48311 Datasheet
485Kb / 16P
Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48312 NSC-LM48312 Datasheet
943Kb / 20P
2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Texas Instruments
LM48512 TI1-LM48512 Datasheet
688Kb / 17P
PowerWise짰 Boosted, Ultra Low-EMI, Mono, E2S Class D Audio Power Amplifier
LM48310SD TI-LM48310SD Datasheet
1,013Kb / 22P
LM48310 Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
LM48411 TI1-LM48411_14 Datasheet
875Kb / 23P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier with E2S
LM48312 TI-LM48312_15 Datasheet
1Mb / 22P
Boomer Audio Power Amplifier Series 2.6W, Ultra-Low EMI, Filterless, Mono Class D Audio Power Amplifier with E2S
logo
Diodes Incorporated
PAM8303C DIODES-PAM8303C Datasheet
775Kb / 17P
ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com