Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments LM48310 Datasheet HTML 10Page - Texas Instruments LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments LM48310 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
0.001
0.01
0.1
1
10
100
10
100
1000
10000
100000
FREQUENCY (Hz)
SLAVE
MASTER
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
OUTPUT POWER (W)
MASTER
SLAVE
VDD
PVDD
IN+
IN-
SYNC_IN
OUTA
SYNC
_OUT
OUTB
VDD
1 PF
VDD
PVDD
IN+
IN-
SYNC_IN
OUTA
OUTB
1 PF
LM48310
LM48310
U1
U2
RIGHT CHANNEL
DIFFERENTIAL
AUDIO INPUT
LEFT CHANNEL
DIFFERENTIAL
AUDIO INPUT
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
Figure 27. Cascaded LM48310
Figure 28. THD+N vs Output Power
Figure 29. THD+N vs Frequency
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com