Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments LM48310 Datasheet HTML 15Page - Texas Instruments LM48310 Datasheet HTML 16Page - Texas Instruments LM48310 Datasheet HTML 17Page - Texas Instruments LM48310 Datasheet HTML 18Page - Texas Instruments LM48310 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SYNC_OUT
SYNC_IN
LM48310SD
OUTB
SYNC_OUT
R1
0
6
C6
OPEN
GND
7
OUTA
10
U1
IN-
2
OUTB
IN-
OUTA
1 PF
C5
IN+
1
IN+
1 PF
C4
GND
8
GND
5
1
3
2
VDD
JU2
GND
1
3
2
VDD
JU1
GND
SD
4
SYNC_IN
VDD
3
VDD
9
PVDD
+
C2
1 PF
C1
10 PF
PVDD
PGND
C3
1 PF
PVDD
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
LM48310 Demo Board Schematic
Figure 33. LM48310 DEMO BOARD SCHEMATIC
Demo Boards
Figure 34. Top Silkscreen
Figure 35. Top Layer
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com