Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 5 Page - Texas Instruments

  LM48310 Datasheet HTML 1Page - Texas Instruments LM48310 Datasheet HTML 2Page - Texas Instruments LM48310 Datasheet HTML 3Page - Texas Instruments LM48310 Datasheet HTML 4Page - Texas Instruments LM48310 Datasheet HTML 5Page - Texas Instruments LM48310 Datasheet HTML 6Page - Texas Instruments LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
Electrical Characteristics VDD = PVDD = 5V
(1)(2) (continued)
The following specifications apply for AV = 12dB, (RL = 8Ω, SYNC_IN = VDD (Spread Spectrum mode), f = 1kHz, unless
otherwise specified. Limits apply for TA = 25°C.
LM48310
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(2)
VIL
Logic Input Low Voltage
SD input, VDD = 3.6V
0.4
V (max)
TWU
Wake Up Time
7.5
ms
SYNC_IN = VDD (Spread Spectrum)
300±30
kHz
SYNC_IN = GND (Fixed Frequency)
300
kHz
SYNC_IN = External Clock
fSW
Switching Frequency
200
kHz
Minimum Frequency
SYNC_IN = External Clock
1000
kHz
Maximum Frequency
11
dB (min)
AV
Gain
12
13
dB (max)
RIN
Input Resistance
20
17
k
Ω (min)
RL = 4Ω, THD = 10%
f = 1kHz, 22kHz BW
VDD = 5V
2.6
W
VDD = 3.6V
1.3
W
VDD = 2.5V
555
mW
RL = 8Ω, THD = 10% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.6
W
VDD = 3.6V
800
mW
VDD = 2.5V
354
mW
PO
Output Power
RL = 4Ω, THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
2.1
W
VDD = 3.6V
1
W
VDD = 2.5V
446
mW
RL = 8Ω, THD = 1% (max)
f = 1kHz, 22kHz BW
VDD = 5V
1.3
1.1
W (min)
VDD = 3.6V
640
mW
VDD = 2.5V
286
mW
PO = 200mW, RL = 8Ω, f = 1kHz
0.03
% (max)
THD+N
Total Harmonic Distortion + Noise
PO = 100mW, RL = 8Ω, f = 1kHz
0.03
%
VRIPPLE = 200mVP-P Sine,
fRIPPLE = 217Hz, Inputs AC GND,
82
dB
CIN = 1μF, Input referred
Power Supply Rejection Ratio
PSRR
(Input Referred)
VRIPPLE = 200mVP-P Sine,
fRIPPLE = 1kHz, Inputs AC GND,
80
dB
CIN = 1μF, Input referred
VRIPPLE = 1VP-P
CMRR
Common Mode Rejection Ratio
70
dB
fRIPPLE = 217Hz
VDD = 5V, POUT = 1W
88
%
RL = 8Ω, f = 1kHz
η
Efficiency
VDD = 3.6V, POUT = 400mW
85
%
RL = 8Ω, f = 1kHz
VDD = 5V, PO = 1W,
97
dB
Fixed Frequency Mode
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1W,
97
dB
Spread Spectrum Mode
Input referred,
Fixed Frequency Mode,
14
μV
A-weighted Filter
εOS
Output Noise
Input referred,
Spread Spectrum Mode,
28
μV
Unweighted
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com