Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 9Page - Texas Instruments LM48310 Datasheet HTML 10Page - Texas Instruments LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments LM48310 Datasheet HTML 15Page - Texas Instruments LM48310 Datasheet HTML 16Page - Texas Instruments LM48310 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IN+
IN-
CIN
CIN
RINEXT
RINEXT
RIN
RIN
RF
RF
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
AUDIO AMPLIFIER INPUT CAPACITOR SELECTION
Input capacitors may be required for some applications, or when the audio source is single-ended. Input
capacitors block the DC component of the audio signal, eliminating any conflict between the DC component of
the audio source and the bias voltage of the LM48310. The input capacitors create a high-pass filter with the
input resistors RIN. The -3dB point of the high pass filter is found using Equation 1 below.
f = 1 / 2
πRINCIN
Where
•
RIN is the value of the input resistor given in the Electrical Characteristics table
(1)
The input capacitors can also be used to remove low frequency content from the audio signal. Small speakers
cannot reproduce, and may even be damaged by low frequencies. High pass filtering the audio signal helps
protect the speakers. When the LM48310 is using a single-ended source, power supply noise on the ground is
seen as an input signal. Setting the high-pass filter point above the power supply noise frequencies, 217Hz in a
GSM phone, for example, filters out the noise such that it is not amplified and heard on the output. Capacitors
with a tolerance of 10% or better are recommended for impedance matching and improved CMRR and PSRR.
AUDIO AMPLIFIER GAIN
The gain of the LM48310 is internally set to 12dB. The gain can be reduced by adding additional input resistance
Figure 31. In this configuration, the gain of the device is given by:
AV = 2 x [RF / (RINEXT + RIN)]
Where
•
RF is 40kΩ
•
RIN is 20kΩ
•
RINEXT is the value of the additional external resistor
(2)
Figure 31. Reduced Gain Configuration
SINGLE-ENDED AUDIO AMPLIFIER CONFIGURATION
The LM48310 is compatible with single-ended sources. When configured for single-ended inputs, input
capacitors must be used to block and DC component at the input of the device. Figure 32 shows the typical
single-ended applications circuit.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com