Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 10Page - Texas Instruments LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments LM48310 Datasheet HTML 15Page - Texas Instruments LM48310 Datasheet HTML 16Page - Texas Instruments LM48310 Datasheet HTML 17Page - Texas Instruments LM48310 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
VDD
PVDD
IN-
IN+
OUTA
OUTB
VDD
1 PF
LM48310
SINGLE-ENDED
AUDIO INPUT
LM48310
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
www.ti.com
Figure 32. Single-Ended Input Configuration
PCB LAYOUT GUIDELINES
As output power increases, interconnect resistance (PCB traces and wires) between the amplifier, load and
power supply create a voltage drop. The voltage loss due to the traces between the LM48310 and the load
results in lower output power and decreased efficiency. Higher trace resistance between the supply and the
LM48310 has the same effect as a poorly regulated supply, increasing ripple on the supply line, and reducing
peak output power. The effects of residual trace resistance increases as output current increases due to higher
output power, decreased load impedance or both. To maintain the highest output voltage swing and
corresponding peak output power, the PCB traces that connect the output pins to the load and the supply pins to
the power supply should be as wide as possible to minimize trace resistance.
The use of power and ground planes will give the best THD+N performance. In addition to reducing trace
resistance, the use of power planes creates parasitic capacitors that help to filter the power supply line.
The inductive nature of the transducer load can also result in overshoot on one of both edges, clamped by the
parasitic diodes to GND and VDD in each case. From an EMI standpoint, this is an aggressive waveform that can
radiate or conduct to other components in the system and cause interference. In is essential to keep the power
and output traces short and well shielded if possible. Use of ground planes beads and micros-strip layout
techniques are all useful in preventing unwanted interference.
As the distance from the LM48310 and the speaker increases, the amount of EMI radiation increases due to the
output wires or traces acting as antennas become more efficient with length. Ferrite chip inductors places close
to the LM48310 outputs may be needed to reduce EMI radiation.
Designator
Quantity
Description
C1
1
10
μF ±10% 16V 500Ω Tantalum Capacitor (B Case) AVX
TPSB106K016R0500
C2, C3
2
1
μF ±10% 16V X7R Ceramic Capacitor (603) Panasonic
ECJ-1VB1C105K
C4, C5
2
1
μF ±10% 16V X7R Ceramic Capacitor (1206) Panasonic
ECJ-3YB1C105K
C6
1
Not Installed Ceramic Capacitor (603)
R1
1
0
Ω ±1% resistor (603)
JP1 — JP2
2
3 Pin Headers
LM48310SDL
1
LM48310SD (10-pin WSON)
14
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com