Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments LM48310 Datasheet HTML 10Page - Texas Instruments LM48310 Datasheet HTML 11Page - Texas Instruments LM48310 Datasheet HTML 12Page - Texas Instruments LM48310 Datasheet HTML 13Page - Texas Instruments LM48310 Datasheet HTML 14Page - Texas Instruments LM48310 Datasheet HTML 15Page - Texas Instruments LM48310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
FREQUENCY (Hz)
LM48310
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
www.ti.com
Figure 30. Crosstalk vs Frequency
DIFFERENTIAL AMPLIFIER EXPLANATION
As logic supplies continue to shrink, system designers are increasingly turning to differential analog signal
handling to preserve signal to noise ratios with restricted voltage signs. The LM48310 features a fully differential
speaker amplifier. A differential amplifier amplifies the difference between the two input signals. Traditional audio
power amplifiers have typically offered only single-ended inputs resulting in a 6dB reduction of SNR relative to
differential inputs. The LM48310 also offers the possibility of DC input coupling which eliminates the input
coupling capacitors. A major benefit of the fully differential amplifier is the improved common mode rejection ratio
(CMRR) over single ended input amplifiers. The increased CMRR of the differential amplifier reduces sensitivity
to ground offset related noise injection, especially important in noisy systems.
POWER DISSIPATION AND EFFICIENCY
The major benefit of a Class D amplifier is increased efficiency versus a Class AB. The efficiency of the
LM48310 is attributed to the region of operation of the transistors in the output stage. The Class D output stage
acts as current steering switches, consuming negligible amounts of power compared to their Class AB
counterparts. Most of the power loss associated with the output stage is due to the IR loss of the MOSFET on-
resistance, along with switching losses due to gate charge.
SHUTDOWN FUNCTION
The LM48310 features a low current shutdown mode. Set SD = GND to disable the amplifier and reduce supply
current to 0.01µA.
Switch SD between GND and VDD for minimum current consumption is shutdown. The LM48310 may be disabled
with shutdown voltages in between GND and VDD, the idle current will be greater than the typical 0.1µA value.
The LM48310 shutdown input has and internal pulldown resistor. The purpose of this resistor is to eliminate any
unwanted state changes when SD is floating. To minimize shutdown current, SD should be driven to GND or left
floating. If SD is not driven to GND or floating, an increase in shutdown supply current will be noticed.
AUDIO AMPLIFIER POWER SUPPLY BYPASSING/FILTERING
Proper power supply bypassing is critical for low noise performance and high PSRR. Place the supply bypass
capacitors as close to the device as possible. Typical applications employ a voltage regulator with 10µF and
0.1µF bypass capacitors that increase supply stability. These capacitors do not eliminate the need for bypassing
of the LM48310 supply pins. A 1µF capacitor is recommended.
12
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com